Part Number Hot Search : 
100HS TM1261 ACT25 DD312 ISL84542 B41605 HA17901A S9015
Product Description
Full Text Search
 

To Download PMB2202 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Direct Vector Modulator + Mixer
PMB 2201 B6HF PMB 2202 B6HF
General Description The PMB 2201, 2202 family is a direct quadrature modulator and double balanced mixer. It is fabricated using Siemens B6HF silicon bipolar process. In a typical application the wanted mixer output product is bandpass filtered and then fed to the modulator LO input. The mixer may also be used to upconvert the modulator output signal to higher frequencies up to 2.5 GHz. The modulator generates two orthogonal carriers which are mixed with the baseband modulation signals by two multipliers. The outputs of the multipliers are added and amplified by a linear output stage. The modulator and the mixer have separate power supplies and grounds. They can be powered down independently. Applications * Vector modulated cellular and cordless systems: PMB 2201: GSM, PDC, DAMPS, CDMA, WLAN, PMB 2202: PCN, PCS, PDC, PHS, WCPE, WLL, WLAN, etc. * Various modulation schemes, such as PM, PSK, FSK, QAM, QPSK, GMSK etc. * Analog systems with FM- and AM modulation * Space and power saving optimizations of existing discrete transmitter circuits
Type PMB 2201-R PMB 2202-R Features
Package P-TSSOP-24-1 (SMD) P-TSSOP-24-1 (SMD)
* Direct modulation vector modulator * Wide LO-frequency range PMB 2201: 0.8 GHz to 1.5 GHz PMB 2201: 1.5 GHz to 2.5 GHz * Generation of orthogonal carriers without external elements and without trimming * 35-dB carrier rejection, 40-dB SSB rejection * 42-dB rejection of third order products * 0-dBm modulator output power * Independent double balanced Gilbert cell mixer * RF- and IF-frequency range from DC to 2.5 GHz * Low noise figure, high conversion gain * Supply voltage range from 2.7 V to 5.5 V * Low power consumption * Power-down mode * P-TSSOP-24 package * Temperature range - 30 C to 85 C
MO MO
LO LO
B
B
A
A Q
0 RF RF x2 %2 90 Bias 1 Bias 2 E E
IF IF PD 1 TREF PD 2
ITB08466
Block Diagram
Siemens Aktiengesellschaft
1
Direct Vector Modulator + Mixer
PMB 2201 B6HF PMB 2202 B6HF
Q 0 x2 %2 90
178 MHz (130 MHz)
1429 ... 1465 MHz (940 ... 956 MHz)
V CO
V CO
PMB 2201 1607 ... 1643 MHz (810 ... 826 MHz)
TXDATA
:N2
PD2
PD1
:N1 1607 ... 1643 MHz (940 ... 956 MHz) 130.5 MHz
PMB 2303 REF RXDATA RSSI
:R2
:R1
455 kHz Demod. PMB 2331
130 MHz 1477 ... 1513 MHz (810 ... 826 MHz)
ITB08467
PMB 2333
PDC Application PMB 2201 / PMB 2303 / PMB 2331 / PMB 2333
Siemens Aktiengesellschaft
2
Direct Vector Modulator + Mixer
PMB 2201 B6HF PMB 2202 B6HF
Q 0 259.25 MHz x2 %2 90
V CO
V CO
PMB 2202 1635.75 ... 1647.75 MHz TXDATA
1895 ... 1907 MHz
:N2
PD2
PD1
:N1
PMB 2303 REF RXDATA RSSI
:R2
:R1
1646.65 ... 1658.45 MHz 259.15 MHz 10.7 MHz Demod. PMB 2331 PMB 2333 248.45 MHz 1895 ... 1907 MHz
ITB08468
PHS Application PMB 2202 / PMB 2303 / PMB 2331 / PMB 2333
Siemens Aktiengesellschaft
3


▲Up To Search▲   

 
Price & Availability of PMB2202

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X